Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1008DTI Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1008DTI
Description  800 V tandem hyperfast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1008DTI Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1008DTI Datasheet HTML 1Page - STMicroelectronics STTH1008DTI Datasheet HTML 2Page - STMicroelectronics STTH1008DTI Datasheet HTML 3Page - STMicroelectronics STTH1008DTI Datasheet HTML 4Page - STMicroelectronics STTH1008DTI Datasheet HTML 5Page - STMicroelectronics STTH1008DTI Datasheet HTML 6Page - STMicroelectronics STTH1008DTI Datasheet HTML 7Page - STMicroelectronics STTH1008DTI Datasheet HTML 8Page - STMicroelectronics STTH1008DTI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STTH1008DTI
2/9
DocID023113 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 1.65 x IF(AV) + 0.04 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
800
V
IF(RMS)
Forward rms current
16
A
IF(AV)
Average forward current,
 = 0.5
Tc = 85 °C
10
A
IFRM
Repetitive peak forward current
Tc = 135 °C, = 0.3
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
120
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum junction temperature
150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
Table 4. Static electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
20
µA
Tj = 150 °C
20
200
VF
(2)
Forward voltage drop
Tc = 25 °C
IF = 10 A
2.15
2.5
V
Tc = 150 °C
1.7
2.05
Tc = 25 °C
IF = 20 A
2.45
2.85
Tc = 150 °C
2.05
2.45
1. Pulse test: t
P = 5 ms,  < 2%
2. Pulse test: t
P = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com