Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F153LM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F153LM
Description  Dual 4-Input Multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F153LM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54F153LM Datasheet HTML 1Page - National Semiconductor (TI) 54F153LM Datasheet HTML 2Page - National Semiconductor (TI) 54F153LM Datasheet HTML 3Page - National Semiconductor (TI) 54F153LM Datasheet HTML 4Page - National Semiconductor (TI) 54F153LM Datasheet HTML 5Page - National Semiconductor (TI) 54F153LM Datasheet HTML 6Page - National Semiconductor (TI) 54F153LM Datasheet HTML 7Page - National Semiconductor (TI) 54F153LM Datasheet HTML 8Page - National Semiconductor (TI) 54F153LM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9482
December 1994
54F74F153
Dual 4-Input Multiplexer
General Description
The ’F153 is a high-speed dual 4-input multiplexer with com-
mon select inputs and individual enable inputs for each sec-
tion It can select two lines of data from four sources The
two buffered outputs present data in the true (non-inverted)
form In addition to multiplexer operation the ’F153 can
generate any two functions of three variables
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F153PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F153DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F153SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F153SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F153FM (Note 2)
W16A
16-Lead Cerpack
54F153LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9482 – 3
IEEEIEC
TLF9482 – 5
Pin Assignment
for DIP SOIC and Flatpak
TLF9482 – 1
Pin Assignment
for LCC
TLF9482 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 54F153LM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54F151A TI1-54F151A Datasheet
201Kb / 10P
54F151A 8-Input Multiplexer
logo
National Semiconductor ...
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
54F151AFM NSC-54F151AFM Datasheet
158Kb / 8P
8-Input Multiplexer
54F151ALM NSC-54F151ALM Datasheet
158Kb / 8P
8-Input Multiplexer
54F157 NSC-54F157 Datasheet
19Kb / 5P
QUAD 2-INPUT Multiplexer
More results

Similar Description - 54F153LM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
Dual 4-input multiplexer
1991 Feb 08
HEF4539B PHILIPS-HEF4539B Datasheet
44Kb / 4P
Dual 4-input multiplexer
January 1995
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
Dual 4-Input Multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
DUAL 4-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com