Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI2C1-6C1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # HDMI2C1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C1-6C1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button HDMI2C1-6C1 Datasheet HTML 15Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 16Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 17Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 18Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 19Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 20Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 21Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 22Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID025281 Rev 1
21/23
HDMI2C1-6C1
Recommendation on PCB assembly
23
5.2
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: powder particle size 20-45 µm.
5.3
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
can lead to insufficient contact between package and solder paste that could cause
open solder joints or badly centered packages.
5.
To improve the package placement accuracy, a bottom side optical control should be
performed with a high resolution tool.
6.
For assembly, a perfect supporting of the PCB is recommended during solder paste
printing, pick and place and reflow soldering by using optimized tools.
5.4
PCB design preference
1.
To control the solder paste amount, closed vias are recommended instead of open
vias.
2.
The position of tracks and open vias in the solder area should be well balanced.
Symmetrical layout is recommended, in case any tilt phenomena caused by
asymmetrical solder paste amount due to the solder flow away.
5.5
Reflow profile
Figure 22. ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
250
0
50
100
150
200
240
210
180
150
120
90
60
30
300
270
-6°C/s
240-245 °C
2 - 3 °C/s
Temperature (°C)
-2 °C/s
-3 °C/s
Time (s)
0.9 °C/s
60 sec
(90 max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com