Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLLB Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB
Description  Lever and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SLLB_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
461
I max.
H max.
300
200
100
Room
temperature
Pre-heating
E max.
Time(s)
A
B
C
D
F max.
G max.
Notes
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board’s temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Soldering surface temperature
Soldering temperature
Heating time
Soldering time
No. of solders
RKJXS
RKJXL
RKJXT1F, RKJXM
RKJXT1F, RKJXM, RKJXL,
SLLB, SLLB5, SRBE, SKRV, SKRH
Series
Series
350±5℃
3s max.
1 time
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
350±10℃
3   s
2 time max.
120℃ max.
260℃ max.
70s max.
6s max.
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
SKRV, SKRH, SLLB, SRBE
SLLB5
RKJXS
Series
260℃
230℃
150℃
150℃
2 min.
ー
10s
40s
4 min.
1 time
250℃
230℃
150℃
150℃
ー
2 min.
ー
30s
ー
1 time
260℃
230℃
180℃
150℃
2 min.
ー
ー
40s
ー
1 time
A
B
C
D
E
F
G
H
I
No. of reflows
Temperature profile
+1
−0
Switch Type / Soldering Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com