Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9662TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 17Page - STMicroelectronics L9662TR Datasheet HTML 18Page - STMicroelectronics L9662TR Datasheet HTML 19Page - STMicroelectronics L9662TR Datasheet HTML 20Page - STMicroelectronics L9662TR Datasheet HTML 21Page - STMicroelectronics L9662TR Datasheet HTML 22Page - STMicroelectronics L9662TR Datasheet HTML 23Page - STMicroelectronics L9662TR Datasheet HTML 24Page - STMicroelectronics L9662TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DocID028325 Rev 1
21/80
L9662
Electrical specifications
79
Bitr
Minimum frequency
operating range (Incoming
messages fall within this
operating range is
guaranteed to be
accepted by the IC)
Channel configurations bit<8:7>
= 00 Test at frq. = 52.33 kHz
Test at frq. =13.32 kHz
13.32
-
52.33
kHz
bit<8:7> =01Test at frq =110.74
kHz Test at frq. = 26.32 kHz
26.32
-
110.74
kHz
bit<8:7> =10
Test at frq =164.20 kHz
Test at frq = 43.50 kHz
43.50
-
164.20
kHz
bit<8:7>=11
Test at frq. = 250.63 kHz
Test at frq. = 62.66 kHz
62.66
-
250.63
kHz
Bitr
Maximum frequency
operating range (Incoming
messages fall outside this
operating range is
guaranteed to be rejected
by the IC)
Channel configurations bit<8:7>
= 00
Test at frq. > 59.14 kHz
Test at frq. <11.99 kHz
11.99
-
59.14
kHz
bit<8:7> =01
Test at frq > 128.37 kHz
Test at frq < 23.57 kHz
23.57
-
128.37
kHz
bit<8:7> =10
Test at frq >194.93 kHz
Test at frq < 38.71 kHz
38.71
-
194.93
kHz
bit<8:7>=11
Test at frq > 309.6 kHz
Test at frq < 55.37 kHz
55.37
-
309.6
kHz
Idle
Idle time
CRC disabled:
The idle bit time is based on the
bit time calculated using the
start bits based on the last edge
of previous message to 1st
rising edge (start bit) of new
message If an error is detected
then the device shall default to
1.5 times the maximum
frequency (minimum bit time).
No idle time required after
enabling channel
1.5*Tbit
-
-
μs
CRC enabled:
1.5*Tbit
+4μs
--
Tdl & Tdh
IFx/Vx delay
Test with 10K 1% Iref resistor
check response from changing
between the following current
levels. High = 0 to 15 mA,
Low = 66 to 15 0mA
-1
-
μs
Tdl - Tdh
IFx/Vx delay time
differential
ICHX outputs with a 500 μs
symmetrical pulse in and 500us
out.
-
-
0.3
μs
Table 8. Satellite interface - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com