Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP34DT02 Datasheet(PDF) 14 Page - STMicroelectronics

Part # MP34DT02
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT02 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button MP34DT02 Datasheet HTML 8Page - STMicroelectronics MP34DT02 Datasheet HTML 9Page - STMicroelectronics MP34DT02 Datasheet HTML 10Page - STMicroelectronics MP34DT02 Datasheet HTML 11Page - STMicroelectronics MP34DT02 Datasheet HTML 12Page - STMicroelectronics MP34DT02 Datasheet HTML 13Page - STMicroelectronics MP34DT02 Datasheet HTML 14Page - STMicroelectronics MP34DT02 Datasheet HTML 15Page - STMicroelectronics MP34DT02 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Process recommendations
MP34DT02
14/16
DocID026560 Rev 2
9
Process recommendations
To ensure a consistent manufacturing process it is strongly advised to comply with following
recommendations:
–
The recommended pick-up area for the MP34DT02 package must be defined
using the worst case (ie. no device alignment during picking process). This area
has been defined considering all the tolerances of the components involved (reel,
package, sound inlet). Picker tolerance shall be considered as well.
–
To prevent damage to the MEMS membrane or incorrect pick-up and placement,
do not pick up the component on the inlet area
–
For the package outline please refer to Figure 10. Nozzle shape, size, and
placement accuracy are the other key factors to consider when deciding on the
coordinates for the picking.
–
Device alignment before picking is highly recommended.
–
A vacuum force greater than 7 psi must be avoided
–
1 kPa = 0.145 psi (lb/in2) = 0.0102 kgf/cm² = 0.0098 atm
–
All the recommended dimensions (device safe pick area) do not include the pick
and place equipment tolerances
–
According to Figure 10, standard picker tool can be used to handle this device
Figure 10. Recommended picking area
GAMS3107141420SG
2.27
Pocket Size Clearance
Sound Port Positional Tolerance
Safe Pick Area
Pocket Positional Tolerance
Package Size Tolerance
1.245
0.58
1.99
Radius of package
corner (0.25 mm)
0.285
1.49
0.23
0.96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com