Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP-0SCMC Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP-0SCMC
Description  Trisil for telecommunication equipment protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP-0SCMC Datasheet(HTML) 3 Page - STMicroelectronics

  SMP-0SCMC Datasheet HTML 1Page - STMicroelectronics SMP-0SCMC Datasheet HTML 2Page - STMicroelectronics SMP-0SCMC Datasheet HTML 3Page - STMicroelectronics SMP-0SCMC Datasheet HTML 4Page - STMicroelectronics SMP-0SCMC Datasheet HTML 5Page - STMicroelectronics SMP-0SCMC Datasheet HTML 6Page - STMicroelectronics SMP-0SCMC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMP-0SCMC
Characteristics
Doc ID 022779 Rev 1
3/7
Table 3.
Electrical characteristics - values (Tamb = 25 °C)
Order code
IRM max @ VRM
VBR
VBO
IH
VT @ 2.2 A
C @ 2 V
C @ 50 V
T(1)
Max.
Typ.
Max.
Min.
Max.
Max.
Max.
µA
VVV
mA
V
pF
pF
10-4/°C
SMP0720SCMC
5
65
72
88
150
3
80
45
9
SMP0900SCMC
5
75
90
98
150
3
80
45
9.1
SMP1100SCMC
5
90
110
130
150
3
75
40
9.3
SMP1300SCMC
5
120
130
160
150
3
75
40
9.5
SMP1500SCMC
5
140
150
180
150
3
75
40
9.7
SMP1800SCMC
5
170
180
220
150
3
70
35
9.9
SMP2100SCMC
5
180
210
240
150
3
45
25
10.2
SMP2300SCMC
5
190
230
260
150
3
45
25
10.3
SMP2600SCMC
5
220
260
300
150
3
40
20
10.6
SMP3100SCMC
5
275
310
350
150
3
40
20
11
1.
For VBR versus junction temperature, use the following formula: VBR @ TJ = VBR @ 25 °C x (1 + T x (TJ - 25))
Figure 2.
Pulse waveform
Figure 3.
Non repetitive surge peak on-state
current versus overload duration
100
50
%IPP
tr
tp
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
0
10
20
30
40
50
60
70
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
I
(A)
TSM
t(s)
F=50Hz
Tj initial = 25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com