Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP0720SCMC Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP0720SCMC
Description  Trisil for telecommunication equipment protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP0720SCMC Datasheet(HTML) 4 Page - STMicroelectronics

  SMP0720SCMC Datasheet HTML 1Page - STMicroelectronics SMP0720SCMC Datasheet HTML 2Page - STMicroelectronics SMP0720SCMC Datasheet HTML 3Page - STMicroelectronics SMP0720SCMC Datasheet HTML 4Page - STMicroelectronics SMP0720SCMC Datasheet HTML 5Page - STMicroelectronics SMP0720SCMC Datasheet HTML 6Page - STMicroelectronics SMP0720SCMC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
SMP-0SCMC
4/7
Doc ID 022779 Rev 1
Figure 6.
Relative variation of junction capacitance versus reverse applied voltage (typical
values)
Figure 4.
Relative variation of holding
current versus junction
temperature
Figure 5.
Percentage of change of break over
voltage versus junction
temperature
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
2,0
-40
-20
0
20
40
60
80
100
120
140
Tj (°C)
IH(Tj) / IH(Tj = 25 °C)
-8
-6
-4
-2
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
100
120
140
Tj (°C)
%
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1
10
100
1000
C[VR]/C[VR =2]
F = 1 MHz
VRMS = 1 V
Tj = 25 °C
VR (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com