Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP1100SCMC Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMP1100SCMC
Description  Trisil for telecommunication equipment protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP1100SCMC Datasheet(HTML) 2 Page - STMicroelectronics

  SMP1100SCMC Datasheet HTML 1Page - STMicroelectronics SMP1100SCMC Datasheet HTML 2Page - STMicroelectronics SMP1100SCMC Datasheet HTML 3Page - STMicroelectronics SMP1100SCMC Datasheet HTML 4Page - STMicroelectronics SMP1100SCMC Datasheet HTML 5Page - STMicroelectronics SMP1100SCMC Datasheet HTML 6Page - STMicroelectronics SMP1100SCMC Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
SMP-0SCMC
2/7
Doc ID 022779 Rev 1
1
Characteristics
Figure 1.
Electrical characteristics - definitions (Tamb = 25 °C)
Table 1.
Absolute ratings (-40 °C < Tamb < 85 °C) for repetitive peak pulse current IPP
Voltage
pulse
0.5/700
2/10
1.2/50
10/160
10/560
9/720
10/360
10/1000
10/700
µs
Current
pulse
0.2/310
2/10
8/20
10/160
10/560
5/320
10/360
10/1000
5/310
µs
IPP
100
500
400
200
150
200
175
100
200
A
Table 2.
Absolute ratings (Tamb = 25 °C) for other parameters
Symbol
Parameter
Value
Unit
ITSM
Non repetitive surge peak on-state current (sinusoidal)(1)
t = 10 ms
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
61
18
9
7
4
A
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
-40 to 150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
1.
In fail safe mode, the device acts as a short circuit.
VRM VR VBO
V
I
IPP
IBO
IH
IRM
Symbol Parameter
V
Stand-off voltage
V
Breakover voltage
I
Leakage current
I
Peak pulse current
I
current
On-state
I
Holding current
V
voltage
On-state
C
Capacitance
RM
BO
RM
PP
T
H
T
IT
VT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com