Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT02-236DDB Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPT02-236DDB
Description  Automation sensor transient and overvoltage protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPT02-236DDB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPT02-236DDB Datasheet HTML 4Page - STMicroelectronics SPT02-236DDB Datasheet HTML 5Page - STMicroelectronics SPT02-236DDB Datasheet HTML 6Page - STMicroelectronics SPT02-236DDB Datasheet HTML 7Page - STMicroelectronics SPT02-236DDB Datasheet HTML 8Page - STMicroelectronics SPT02-236DDB Datasheet HTML 9Page - STMicroelectronics SPT02-236DDB Datasheet HTML 10Page - STMicroelectronics SPT02-236DDB Datasheet HTML 11Page - STMicroelectronics SPT02-236DDB Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DocID024333 Rev2
11/12
SPT02-236DDB
Ordering information
8
Ordering information
Figure 12. Ordering information scheme
9
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Packing
SPT02-236DDB
S2
µQFN-2L with
exposed pad
15.55 mg
Tape and reel
SPT
02 - 2
36 DDB
Sensor protection termination
Generation
02 = 2
génération
nde
Channels number
2 = 2 channels
36 = 36 V
Package
D = Dual
D = 3 x 2 mm package size
B = 3 pins
Stand-off voltage
Table 8. Document revision history
Date
Revision
Changes
06-May-2013
1
First issue
21-Mar-2014
2
Updated Table 2, Table 6 and Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com