Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC2942BW Datasheet(PDF) 11 Page - STMicroelectronics

Part # STAC2942BW
Description  HF/VHF/UHF RF power N-channel MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2942BW Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STAC2942BW Datasheet HTML 7Page - STMicroelectronics STAC2942BW Datasheet HTML 8Page - STMicroelectronics STAC2942BW Datasheet HTML 9Page - STMicroelectronics STAC2942BW Datasheet HTML 10Page - STMicroelectronics STAC2942BW Datasheet HTML 11Page - STMicroelectronics STAC2942BW Datasheet HTML 12Page - STMicroelectronics STAC2942BW Datasheet HTML 13Page - STMicroelectronics STAC2942BW Datasheet HTML 14Page - STMicroelectronics STAC2942BW Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID15501 Rev 7
11/16
STAC2942B
Test circuit
16
Component
Description
R3, R4
270
Ω 1/2 W axial lead resistor
B1
RG-316 50
Ω 11.8" through ferrite toroid
B2
RG-142 50
Ω 11.8"
T1
4:1, RG-316 25
Ω, 5.9", 2 turns thru ferrite core
T2
1:4, 25
Ω semi-rigid cable, OD .141", 5.9"
L1
λ/4 inductor, RG-142 50 Ω, 11.8", 3 turns thru ferrite toroid
FB1,FB5
Ferrite toroid
FB2, FB6
Multi-aperture core
FB3, FB4
Surface mount ferrite bead
PCB
Rogers ultralam 2000, Er 2.55, .060"
Table 7. 175 MHz test circuit component list (continued)
Figure 14. Circuit layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com