Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP08DP05 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STAP08DP05
Description  Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP08DP05 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STAP08DP05 Datasheet HTML 10Page - STMicroelectronics STAP08DP05 Datasheet HTML 11Page - STMicroelectronics STAP08DP05 Datasheet HTML 12Page - STMicroelectronics STAP08DP05 Datasheet HTML 13Page - STMicroelectronics STAP08DP05 Datasheet HTML 14Page - STMicroelectronics STAP08DP05 Datasheet HTML 15Page - STMicroelectronics STAP08DP05 Datasheet HTML 16Page - STMicroelectronics STAP08DP05 Datasheet HTML 17Page - STMicroelectronics STAP08DP05 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Typical characteristics
STAP08DP05
14/28
DocID024305 Rev 6
8
Typical characteristics
Note:
Maximum output current setting was 130 mA applying Rext = 124
Ω.
Figure 11. Output current - REXT resistor
Table 10. Output current - REXT resistor, TA = 25 °C
Parameter
Value
Output current (mA)
3
5
10
20
50
80
130
Rext (
Ω)
6740
3930
1913
963
386
241
124
AM13673v1
TA = 25 °C, Vdrop = 0.3 V; 1.2 V, Iset = 3 mA; 5 mA; 10 mA; 20 mA; 50 mA; 80 mA, Max
8000
7000
6000
5000
4000
3000
2000
1000
0
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
Ouput current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com