Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP08DP5XTTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STAP08DP5XTTR
Description  Low voltage 8-bit constant current LED sink driver with output error detection for automotive applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP08DP5XTTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STAP08DP5XTTR Datasheet HTML 11Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 12Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 13Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 14Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 15Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 16Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 17Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 18Page - STMicroelectronics STAP08DP5XTTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DocID024305 Rev 6
15/28
STAP08DP05
Typical characteristics
28
Figure 12. ISET vs. drop-out voltage (VDROP @ 25 °C)
Table 11. ISET vs. drop-out voltage (VDROP @ 25 °C)
Vdd
(V)
I set
(mA)
Rext
(
Ω)
Vdrop min
(mV)
Vdrop max
(mV)
Vdrop AVG
(mV)
3
3
6470
30.6
31.2
30.93
5
3930
46.5
52.9
48.63
10
1910
80.9
100
82.26
20
963
150
161
157
50
386
392
396
394.3
80
241
636
646
640.3
100
192
846
850
848
5
3
6470
25.6
29
26.96
5
3930
40.8
41.7
41.16
10
1910
80.1
105
89.2
20
963
153
154
154
50
386
379
386
382
80
241
618
626
621
100
192
825
830
827
10
110
210
310
410
510
610
710
810
910
0
1020
3040
5060
7080
90
100 110
Iset (mA)
Vdd 5.0V
Vdd 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com