Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP16DPS05XTTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STAP16DPS05XTTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPS05XTTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STAP16DPS05XTTR Datasheet HTML 19Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 20Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 21Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 22Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 23Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 24Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 25Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 26Page - STMicroelectronics STAP16DPS05XTTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID024315 Rev 6
23/34
STAP16DPS05
Detection mode functionality
34
Figure 19. Error detection sequence
Typical schematic used to perform the error detection:
Figure 20. Error detection typical schematic
IODEC can be measured as follows:
IODEC = (Vled-Vload) / Rload
Table 14 and Table 15 show respectively the IODEC average value at 3.3 V and 5.0 V.
The IODEC is the current value recognized by the device output open error detection.
LE/DM1 and OE/DM2
Key Sequence
necessary to Enter
in EDM
16 CLK pulse are required to
load the data setting 1 into
shift register
The LE/DM1 pulse
latch the data
loaded during the
previous state
During the error
detection are
necessary at least
2 CLK signal plus
oneat the end
Every CLK pulse shows the results of
single Output results:Out15;14; 13 etc. etc
After OE/DM2 signal turn High the
the device from
EDM to Normal
Mode
16 CLK pulse are required to
load the data setting 1 into
shift register
During the error
detection are
necessary at least
2 CLK signal plus
oneat the end
Every CLK pulse shows the results of
single Output results:Out15;14; 13 etc. etc
SDO pin show the results of
Error Detection (Open or
Short in this case)
The OE/DM2 Pulse put
the device from
EDM to Normal
Mode
AM13678v1
DUT
Vled
Rload
IDEC
Out
REXT
Iset
Vdd
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com