Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB10N65K3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STB10N65K3
Description  N-channel 650 V, 0.75 Ω typ., 10 A SuperMESH3™ Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB10N65K3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STB10N65K3 Datasheet HTML 13Page - STMicroelectronics STB10N65K3 Datasheet HTML 14Page - STMicroelectronics STB10N65K3 Datasheet HTML 15Page - STMicroelectronics STB10N65K3 Datasheet HTML 16Page - STMicroelectronics STB10N65K3 Datasheet HTML 17Page - STMicroelectronics STB10N65K3 Datasheet HTML 18Page - STMicroelectronics STB10N65K3 Datasheet HTML 19Page - STMicroelectronics STB10N65K3 Datasheet HTML 20Page - STMicroelectronics STB10N65K3 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB10N65K3, STF10N65K3, STFI10N65K3, STP10N65K3
20/21
DocID15732 Rev 4
6
Revision history
Table 14. Document revision history
Date
Revision
Changes
30-Jun-2009
1
First release
14-Nov-2011
2
Updated mechanical data and Section 2.1: Electrical characteristics
(curves).
Minor text changes.
14-Nov-2012
3
– Added: I2PAKFP and TO-220
– Deleted: TI row
– Added: RDS(on) typical value, Figure 2 and 3
– Modified: Figure 2
– Updated: Section 4: Package mechanical data
05-Aug-2013
4
– Added: D2PAK package
– Added: Rthj-pcb in Table 3
– Updated: figure Figure 17, 18, 19 and 20
– Updated: Section 4: Package mechanical data and Section 5:
Packaging mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com