Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8041RGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8041RGCT
Description  Four-Port USB 3.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8041RGCT Datasheet(HTML) 1 Page - Texas Instruments

  TUSB8041RGCT Datasheet HTML 1Page - Texas Instruments TUSB8041RGCT Datasheet HTML 2Page - Texas Instruments TUSB8041RGCT Datasheet HTML 3Page - Texas Instruments TUSB8041RGCT Datasheet HTML 4Page - Texas Instruments TUSB8041RGCT Datasheet HTML 5Page - Texas Instruments TUSB8041RGCT Datasheet HTML 6Page - Texas Instruments TUSB8041RGCT Datasheet HTML 7Page - Texas Instruments TUSB8041RGCT Datasheet HTML 8Page - Texas Instruments TUSB8041RGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Personal
Computer
USB 3.0
HDD
USB 3.0
Hub
USB 2.0 Connection
USB 3.0 Connection
USB 3.0 Hub
USB 3.0 Device
USB 2.0 Device
USB 1.x Device
USB 1.x Connection
USB 3.0
HDD
USB 3.0
HDD
USB 2.0
Hub
USB 2.0
Webcam
USB 1.1
Mouse
USB 1.1
Keyboard
USB 2.0
HDD
TUSB8041
USB 2.0
Printer
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TUSB8041
SLLSEE4D – JUNE 2014 – REVISED JANUARY 2016
TUSB8041 Four-Port USB 3.0 Hub
1 Features
•
Single Clock Input, 24-MHz Crystal or Oscillator
•
No Special Driver Requirements; Works
1
•
Four Port USB 3.0 Hub
Seamlessly on any Operating System with USB
•
USB 2.0 Hub Features
Stack Support
–
Multi Transaction Translator (MTT) Hub: Four
•
64-Pin QFN Package (RGC)
Transaction Translators
–
Four Asynchronous Endpoint Buffers Per
2 Applications
Transaction Translator
•
Computer Systems
•
Supports Battery Charging
•
Docking Stations
–
CDP Mode (Upstream Port Connected)
•
Monitors
–
DCP Mode (Upstream Port Unconnected)
•
Set-Top Boxes
–
DCP Mode Complies with Chinese
Telecommunications Industry Standard YD/T
3 Description
1591-2009
The TUSB8041 is a four-port USB 3.0 hub. It
–
D+/D- Divider Mode
provides simultaneous SuperSpeed USB and high-
•
Supports Operation as a USB 3.0 or USB 2.0
speed/full-speed connections on the upstream port
Compound Device
and provides SuperSpeed USB, high-speed, full-
speed, or low-speed connections on the downstream
•
Per Port or Ganged Power Switching and Over-
ports. When the upstream port is connected to an
Current Notification Inputs
electrical environment that only supports high-speed
•
OTP ROM, Serial EEPROM or I2C/SMBus Slave
or full-speed/low-speed connections, SuperSpeed
Interface for Custom Configurations:
USB connectivity is disabled on the downstream
ports. When the upstream port is connected to an
–
VID and PID
electrical
environment
that
only
supports
full-
–
Port Customizations
speed/low-speed connections, SuperSpeed USB and
–
Manufacturer and Product Strings (not by OTP
high-speed
connectivity
are
disabled
on
the
ROM)
downstream ports.
–
Serial Number (not by OTP ROM)
Device Information(1)
•
Application Feature Selection Using Pin Selection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
or EEPROM/ or I2C/SMBus Slave Interface
TUSB8041
•
Provides 128-Bit Universally Unique Identifier
VQFN (64)
9.00 mm × 9.00 mm
TUSB8041I
(UUID)
(1) For all available packages, see the orderable addendum at
•
Supports On-Board and In-System OTP/EEPROM
the end of the datasheet.
Programming Via the USB 2.0 Upstream Port
Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB8041RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8041RGCT TI2-TUSB8041RGCT Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
TUSB8041RGCT.A TI2-TUSB8041RGCT.A Datasheet
1Mb / 49P
TUSB8041 Four-Port USB 3.0 Hub
REVISED JUNE 2016
More results

Similar Description - TUSB8041RGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040 TI1-TUSB8040 Datasheet
300Kb / 27P
USB 3.0 Four Port Hub High-Speed Upstream Connection
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A TI1-TUSB8040A Datasheet
700Kb / 39P
Four-Port and Two-Port USB 3.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041-Q1 TI1-TUSB8041-Q1 Datasheet
2Mb / 48P
Automotive Four-Port USB 3.0 Hub
TUSB8020B TI1-TUSB8020B Datasheet
1Mb / 43P
Two-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Beckhoff Automation Gmb...
CU8006 BECKHOFF-CU8006 Datasheet
110Kb / 1P
4-port USB 3.0 hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com