Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2G Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # M2G
Description  SURFACE MOUNT GLASS GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

M2G Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  M2G Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. M2G Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25 50 75 100 125 150 175
1.0
2.0
LEAD TEMPERATURE . C
Fig. 1-FORWARD CURRENT
DERATING CURVE
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
o
12
5
10
20
50
100
5
10
15
20
25
30
NUMBER OF CYCLES AT 60 Hz
Fig. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
(JEDEC Method)
PERCENT OF PEAK REVERSE VOLTAGE, %
Fig. 3-TYPICAL REVERSE
CHARACTERISTICS
20
40
60
80 100 120 140
0
0.001
0.01
0.1
1
10
100
Tj=125 C
o
o
Tj=75 C
o
Tj=25 C
INSTANTANEOUS FORWARD
VOLTAGE , VOLTS
Fig. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.01
0.4 0.6 0.8 1.0
1.2 1.4 1.6 1.8 2.0
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
REVERSE VOLTAGE VOLTS
Fig. 5-TRANSIENT THERMAL IMPEDANCE
0.01
1
0.1
1
10
100
2
5
10
20
50
100
200
500
1000
Units Mounted On
20in (5.4mm )+0.5mil
inches(0.013mm)
Thick Copper Land Areas
22
0
1
2
1.0
10
100
1000
REVERSE VOLTAGE VOLTS
Fig. 6-TYPICAL JUNCTION CAPACITANCE
5
10
20
50
100
Tj=25 C
o
f=1.0MHz
Vsig=50mVp-p
M1G THRU M7G
www.shunyegroup.com.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com