Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVM
Description  Compact Two-way Operation Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVM_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVM_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVM_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVM_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
24
24
2.8×3.5×height 1.5mm compact detector switch
detects from both vertical and horizontal directions
Compact Two-way Operation Type
SPVM
Product Line
Poles
1
1
Positions
With
Without
Location lug
3,000
12,000
Japan
Export
Minimumorder unit(pcs)
SPVM110100
SPVM110200
Product No.
Without terminal
Frame
For PC board
(Reflow)
Terminal
type
Refer to P.71 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50μA 3V DC
Contact resistance
(Initial /After operating life)
2Ω max. / 5Ω max.
Operating force
0.4N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
3,000
6,000
12,000
16
417×409×139
ø380
17.4


Similar Part No. - SPVM_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM110100 ETC2-SPVM110100 Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVM110100 ALPS-SPVM110100 Datasheet
323Kb / 4P
Compact Two-way Operation Type
logo
List of Unclassifed Man...
SPVM110200 ETC2-SPVM110200 Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVM110200 ALPS-SPVM110200 Datasheet
323Kb / 4P
Compact Two-way Operation Type
logo
List of Unclassifed Man...
SPVM210100 ETC2-SPVM210100 Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
More results

Similar Description - SPVM_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
Compact Two-way Operation Type Detector Switch
logo
ALPS ELECTRIC CO.,LTD.
SPVE ALPS-SPVE Datasheet
305Kb / 4P
Compact One-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVE ALPS-SPVE_15 Datasheet
883Kb / 4P
Compact One-way Operation Type
SPVN ALPS-SPVN_15 Datasheet
1Mb / 4P
Low-profile Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com