Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB33N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB33N60DM2
Description  N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in D²PAK, TO-220 and TO-247 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB33N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STB33N60DM2 Datasheet HTML 1Page - STMicroelectronics STB33N60DM2 Datasheet HTML 2Page - STMicroelectronics STB33N60DM2 Datasheet HTML 3Page - STMicroelectronics STB33N60DM2 Datasheet HTML 4Page - STMicroelectronics STB33N60DM2 Datasheet HTML 5Page - STMicroelectronics STB33N60DM2 Datasheet HTML 6Page - STMicroelectronics STB33N60DM2 Datasheet HTML 7Page - STMicroelectronics STB33N60DM2 Datasheet HTML 8Page - STMicroelectronics STB33N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
November 2015
DocID026854 Rev 2
1/20
This is information on a product in full production.
www.st.com
STB33N60DM2, STP33N60DM2,
STW33N60DM2
N-
channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2
Power MOSFET in D²PAK, TO-220 and TO-247 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS @ TJmax.
RDS(on) max.
ID
STB33N60DM2
650 V
0.130 Ω
24 A
STP33N60DM2
650 V
0.130 Ω
24 A
STW33N60DM2
650 V
0.130 Ω
24 A
Fast-recovery body diode
Extremely low gate charge and input
capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
These high voltage N-channel Power MOSFETs
are part of the MDmesh™ DM2 fast recovery
diode series. They offer very low recovery charge
(Qrr) and time (trr) combined with low RDS(on),
rendering them suitable for the most demanding
high efficiency converters and ideal for bridge
topologies and ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STB33N60DM2
33N60DM2
D²PAK
Tape and reel
STP33N60DM2
33N60DM2
TO-220
Tube
STW33N60DM2
33N60DM2
TO-247
Tube


Similar Part No. - STB33N60DM2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB33N60DM2 ISC-STB33N60DM2 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
More results

Similar Description - STB33N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW36N55M5 STMICROELECTRONICS-STW36N55M5 Datasheet
764Kb / 15P
N-channel 550 V, 0.06 typ., 33 A MDmesh V Power MOSFET in TO-220 and TO-247 packages
23-Oct-2012
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com