Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP110CUDJ6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # STBP110CUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110CUDJ6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STBP110CUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 35Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 36Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 37Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 38Page - STMicroelectronics STBP110CUDJ6F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
STBP110
Tape and reel information
Doc ID 018687 Rev 3
35/40
Figure 36.
Reel dimensions
Figure 37.
Tape trailer/leader
Table 9.
Reel dimensions
Tape size
A max.
B min.
C
D min.
N min.
G
T max.
8 mm
180 (7 inch)
1.5
13 ± 0.2
20.2
60
8.4 +2 / -0
14.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com