Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP110FUDJ6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBP110FUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110FUDJ6F Datasheet(HTML) 1 Page - STMicroelectronics

  STBP110FUDJ6F Datasheet HTML 1Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 2Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 3Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 4Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 5Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 6Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 7Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 8Page - STMicroelectronics STBP110FUDJ6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
June 2012
Doc ID 018687 Rev 3
1/40
1
STBP110
Overvoltage protection device
Datasheet - production data
Features
■ Input overvoltage protection up to 28 V
■ Integrated high voltage N-channel MOSFET
switch - low RDS(on) of 170 mΩ
■ Integrated charge pump
■ Maximum continuous current of 1.2 A
■ Thermal shutdown
■ Soft-start feature to control the inrush current
■ Enable input (EN)
■ Fault indication output (FLT)
■ IN input ESD protection: ±15 kV air discharge,
±8 kV contact discharge (with 1 µF input
capacitor), ±2 kV HBM (standalone device)
■ Certain overvoltage options compliant with the
China Communications Standard YD/T 1591-
2006 (overvoltage protection only)
■ Small, RoHS compliant 2 x 2 x 0.75 mm TDFN
8-lead package with thermal pad.
Applications
■ Smart phones
■ Digital cameras
■ PDA and palmtop devices
■ MP3 players
■ Low power handheld devices.
TDFN 8-lead (2 x 2 x 0.75 mm)
www.st.com


Similar Part No. - STBP110FUDJ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBP112 STMICROELECTRONICS-STBP112 Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
STBP112-ATDJ6F STMICROELECTRONICS-STBP112-ATDJ6F Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
STBP112-AUDJ6F STMICROELECTRONICS-STBP112-AUDJ6F Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
STBP112-AVDJ6F STMICROELECTRONICS-STBP112-AVDJ6F Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
STBP112-BTDJ6F STMICROELECTRONICS-STBP112-BTDJ6F Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
More results

Similar Description - STBP110FUDJ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBP120 STMICROELECTRONICS-STBP120 Datasheet
806Kb / 36P
Overvoltage protection device with thermal shutdown
01-Jun-2009
logo
Tyco Electronics
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
ESD Protector Overvoltage Protection Device
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
ESD Protector Overvoltage Protection Device
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
ESD Protector Overvoltage Protection Device
ROV10 MACOM-ROV10 Datasheet
540Kb / 10P
Metal Oxide Varistors Overvoltage Protection Device
logo
STMicroelectronics
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
STBP120 overvoltage protection device
18-Nov-2009
STBP112 STMICROELECTRONICS-STBP112 Datasheet
818Kb / 38P
Overvoltage protection device
07-Dec-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com