Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBP110GUDJ6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STBP110GUDJ6F
Description  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110GUDJ6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STBP110GUDJ6F Datasheet HTML 19Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 20Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 21Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 22Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 23Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 24Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 25Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 26Page - STMicroelectronics STBP110GUDJ6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
STBP110
Typical operating characteristics
Doc ID 018687 Rev 3
23/40
Figure 27.
RDS(on) vs. temperature at 5 V, 1 A
Figure 28.
VIL(EN) vs. temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com