Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF24N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF24N60DM2
Description  Extremely high dv/dt ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF24N60DM2 Datasheet HTML 1Page - STMicroelectronics STF24N60DM2 Datasheet HTML 2Page - STMicroelectronics STF24N60DM2 Datasheet HTML 3Page - STMicroelectronics STF24N60DM2 Datasheet HTML 4Page - STMicroelectronics STF24N60DM2 Datasheet HTML 5Page - STMicroelectronics STF24N60DM2 Datasheet HTML 6Page - STMicroelectronics STF24N60DM2 Datasheet HTML 7Page - STMicroelectronics STF24N60DM2 Datasheet HTML 8Page - STMicroelectronics STF24N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
March 2015
DocID025498 Rev 4
1/13
STF24N60DM2
N-channel 600 V, 0.175
Ω typ., 18 A MDmesh™ DM2
Power MOSFET in a TO-220FP package
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Fast-recovery body diode
• Extremely low gate charge and input
capacitance
• Low on-resistance
• 100% avalanche tested
• Extremely high dv/dt ruggedness
• Zener-protected
Applications
• Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh DM2 fast recovery diode
series. It offers very low recovery charge and time
(Qrr, trr) combined with low RDS(on), rendering it
suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
D(2)
G(1)
S(3)
AM01476v1
TO-220FP
1
2
3
Order code
VDS @
TJmax
RDS(on)
max
ID
STF24N60DM2
650 V
0.20
Ω
18 A
Table 1. Device summary
Order code
Marking
Package
Packaging
STF24N60DM2
24N60DM2
TO-220FP
Tube
www.st.com


Similar Part No. - STF24N60DM2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STF24N60DM2 VBSEMI-STF24N60DM2 Datasheet
1Mb / 11P
N-Channel 650-V (D-S) Super Junction MOSFET
logo
Inchange Semiconductor ...
STF24N60DM2 ISC-STF24N60DM2 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF24N60DM2

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
Extremely high dv/dt capability
logo
STMicroelectronics
STP18N60DM2 STMICROELECTRONICS-STP18N60DM2 Datasheet
716Kb / 13P
Extremely high dv/dt ruggedness
28-Jan-2016
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
Extremely high dv/dt ruggedness
10-Sep-2015
STP43N60DM2 STMICROELECTRONICS-STP43N60DM2 Datasheet
422Kb / 13P
Extremely high dv/dt ruggedness
02-Jul-2015
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
Extremely high dv/dt ruggedness
03-Jul-2015
STW18N60DM2 STMICROELECTRONICS-STW18N60DM2 Datasheet
711Kb / 12P
Extremely high dv/dt ruggedness
28-Jan-2016
STW35N60DM2 STMICROELECTRONICS-STW35N60DM2 Datasheet
704Kb / 12P
Extremely high dv/dt ruggedness
02-Sep-2015
STF35N60DM2 STMICROELECTRONICS-STF35N60DM2 Datasheet
691Kb / 13P
Extremely high dv/dt ruggedness
15-Sep-2015
STW70N60DM2 STMICROELECTRONICS-STW70N60DM2 Datasheet
724Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com