Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF15M65DF2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF15M65DF2
Description  Trench gate field-stop IGBT M series, 650 V 15 A low loss
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF15M65DF2 Datasheet(HTML) 1 Page - STMicroelectronics

  STGF15M65DF2 Datasheet HTML 1Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 2Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 3Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 4Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 5Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 6Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 7Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 8Page - STMicroelectronics STGF15M65DF2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2015
DocID028488 Rev 1
1/15
This is preliminary information on a new product now in development
or undergoing evaluation. Details are subject to change without notice.
www.st.com
STGF15M65DF2
Trench gate field-stop IGBT M series, 650 V 15 A low loss
Datasheet - preliminary data
Figure 1: Internal schematic diagram
Features
6 µs of short-circuit withstand time
VCE(sat) = 1.55 V (typ.) @ IC = 15 A
Tight parameter distribution
Safer paralleling
Low thermal resistance
Soft and very fast recovery antiparallel diode
Applications
Motor control
UPS
PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate field-stop
structure. The device is part of the M series of
IGBTs, which represents an optimum
compromise in performance to maximize the
efficiency of inverter systems where low loss and
short-circuit capability are essential. Furthermore,
a positive VCE(sat) temperature coefficient and tight
parameter distribution result in safer paralleling
operation.
Table 1: Device summary
Order code
Marking
Package
Packing
STGF15M65DF2
G15M65DF2
TO-220FP
Tube
TO-220FP


Similar Part No. - STGF15M65DF2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STGF15M65DF2 ISC-STGF15M65DF2 Datasheet
398Kb / 6P
Trench gate Field-Stop IGBT
More results

Similar Description - STGF15M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB15M65DF2 STMICROELECTRONICS-STGB15M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGP15M65DF2 STMICROELECTRONICS-STGP15M65DF2 Datasheet
900Kb / 17P
Trench gate field-stop IGBT M series, 650 V, 15 A low loss
13-Nov-2015
STGB4M65DF2 STMICROELECTRONICS-STGB4M65DF2 Datasheet
1Mb / 18P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2 Datasheet
1Mb / 19P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGF4M65DF2 STMICROELECTRONICS-STGF4M65DF2 Datasheet
983Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 4 A low loss
21-Nov-2016
STGW75M65DF2 STMICROELECTRONICS-STGW75M65DF2 Datasheet
1,005Kb / 17P
Trench gate field-stop IGBT, M series 650 V, 75 A low loss
15-Jun-2016
STGWA50M65DF2 STMICROELECTRONICS-STGWA50M65DF2 Datasheet
971Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 50 A low loss
14-Jun-2016
STGYA120M65DF2 STMICROELECTRONICS-STGYA120M65DF2 Datasheet
958Kb / 16P
Trench gate field-stop IGBT, M series 650 V, 120 A low loss
12-Aug-2016
STGP20M65DF2 STMICROELECTRONICS-STGP20M65DF2 Datasheet
520Kb / 16P
Trench gate field-stop, 650 V, 20 A, M series low-loss IGBT
08-Oct-2018
STGD4M65DF2 STMICROELECTRONICS-STGD4M65DF2_V01 Datasheet
448Kb / 20P
Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
05-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com