Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIF5CH60TS-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIF5CH60TS-E
Description  3-phase inverters for motor drives
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIF5CH60TS-E Datasheet HTML 7Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 8Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 9Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 10Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 11Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 12Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 13Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 14Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DocID026577 Rev 2
11/22
STGIF5CH60TS-E
Fault management
22
4
Fault management
The device integrates an open-drain output connected to SD Pin. As soon as a fault occurs
the open-drain is activated and LVGx outputs are forced low. Two types of fault can be
pointed out:
•
Overcurrent (OC) sensed by the internal comparator (see more detail in Section 4.2:
Smart shutdown function);
•
Undervoltage on supply voltage (VCC);
Each fault enables the SD open drain for a different time; refer to the following Table 10:
Fault timing.
Actually the device remains in a fault condition (SD at low logic level and LVGx outputs
disabled) for a time also depending on RC network connected to SD pin. The network
generate a time contribute that add up to the internal value.
Figure 4. Overcurrent timing (without contribution of RC network on SD)
Table 10. Fault timing
Symbol
Parameter
Event time
SD open-drain enable
time result
OC
Over-current event
≤ 20 μs
20
μs
≥ 20µs
OC time
UVLO
Under-voltage lock out
event
≤ 50 μs50µs
≥ 50µs
until the VCC_LS exceed the
VCC_LS UV turn ON threshold
UVLO time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com