Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS20C60T-H Datasheet(PDF) 14 Page - STMicroelectronics

Part # STGIPS20C60T-H
Description  3-phase inverters for motor drives
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60T-H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STGIPS20C60T-H Datasheet HTML 10Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 11Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 12Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 13Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 14Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 15Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 16Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 17Page - STMicroelectronics STGIPS20C60T-H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application information
STGIPS20C60T-H
14/19
DocID026322 Rev 2
4.1
Recommendations
• Input signals HIN, LIN are active high logic. A 375 kΩ (typ.) pull down resistor is built-in
for each input. If an external RC filter is used, for noise immunity, pay attention to the
variation of the input signal level.
• To prevent the input signals oscillation, the wiring of each input should be as short as
possible.
• By integrating an application specific type HVIC inside the module, direct coupling to MCU
terminals without any opto-coupler is possible.
• Each capacitor should be located as nearby the pins of IPM as possible.
• Low inductance shunt resistors should be used for phase leg current sensing.
• Electrolytic bus capacitors should be mounted as close to the module bus terminals as
possible. Additional high frequency ceramic capacitor mounted close to the module pins
will further improve performance.
• The SD signal should be pulled up to 5 V / 3.3 V with an external resistor.
Note:
For further details refer to AN3338.
Table 14. Recommended operating conditions
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P-Nu,Nv,Nw
300
400
V
VCC
Control supply voltage
Applied between VCC-GND
13.5
15
18
V
VBS
High side bias voltage
Applied between VBOOTi-OUTi for
i=U,V,W
13
18
V
tdead
Blanking time to
prevent Arm-short
For each input signal
1.5
µs
fPWM
PWM input signal
-40°C < Tc < 100°C
-40°C < Tj < 125°C
20
kHz
TC
Case operation
temperature
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com