Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVQC Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQC
Description  Water-proof Type (Surface Mount)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQC Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQC Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQC Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQC Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
69
69
SPVQC Water-proof Type(Surface Mount)
Surface mount two-pole simultaneous changeover
type achieving stable contact
This unit cannot be used in water (IP67 rating, except for terminal).
Note
Unit:mm
Dimensions
Style
Circuit Diagram
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
50mA 18V DC / 50BA 5V DC
Contact resistance
(Initial / After operating life)
75mΩ max. / 200mΩ max.
Operating force
1±0.5N
Operating life
Without load
300,000cycles
With load
300,000cycle(50mA 18V DC)
Product Line
Product No.
Changeover timing
Operating part
shape
Terminal type
SPVQC10100
Minimum order unit(pcs)
Japan
Export
300
2,400
Poles
2
2
Non shorting
Push
For PC board
(Reflow)
Positions
②
④
③
⑤
⑥
①
4.08
8.3
3.04
6.08
1.4
Φ1.1
hole
Φ1.6
hole
PC Board Mounting Hole and Land Dimensions
Refer to P.71 for soldering conditions.
8.3
3.04
4.08
6.08 2.82
0.6
Terminal No.③
Terminal No.②
Terminal No.①
Terminal No.④
Terminal No.⑥
2.435
Ø1.4
Ø0.9
15.4
Free position
(The top of the plunger)
Terminal No.①-③&④-⑥ On position
Terminal No.①-②&④-⑤ Off position
(The top of the plunger)
Terminal No.①-③&④-⑥ Off position
Terminal No.①-②&④-⑤ On position
(The top of the plunger)
Total travel position
(The top of the plunger)
7.4
Terminal No.⑤
3.425
Unit:mm
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
300
1,200
2,400
32
403×403×360
ø380
33.5


Similar Part No. - SPVQC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
941Kb / 6P
Water-proof Type
SPVQ111400 ALPS-SPVQ111400 Datasheet
225Kb / 5P
Water-proof Type
SPVQ111500 ALPS-SPVQ111500 Datasheet
225Kb / 5P
Water-proof Type
More results

Similar Description - SPVQC

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
Water-proof Type
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
Water-proof Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com