Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA30M65DF2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA30M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 30 A low loss
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA30M65DF2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA30M65DF2 Datasheet HTML 3Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 4Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 5Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 6Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 7Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 8Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 9Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 10Page - STMicroelectronics STGWA30M65DF2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STGW30M65DF2, STGWA30M65DF2
Electrical characteristics
DocID027768 Rev 3
7/19
2.2
Figure 2: Power dissipation vs. case
temperature
Figure 3: Collector current vs. case
temperature
Figure 4: Output characteristics (TJ = 25 °C)
Figure 5: Output characteristics (TJ = 175 °C)
Figure 6: VCE(sat) vs. junction temperature
Figure 7: VCE(sat) vs. collector current
Ptot
150
100
50
0
-50
0
TC(°C)
(W)
100
200
50
250
150
VGE
≥ 15V, TJ ≤ 175 °C
GIPD100420150947FSR
IC
30
20
10
0
-50
0
TC(°C)
(A)
100
40
50
50
150
VGE
≥ 15V, TJ ≤ 175 °C
60
GIPD100420150959FSR
IC
20
0
0
1
VCE(V)
(A)
4
40
2
3
VGE=15V
60
9V
11V
13V
5
80
100
GIPD100420151008FSR
IC
20
0
0
1
VCE(V)
(A)
4
40
2
3
VGE=15V
60
9V
11V
13V
5
80
100
7V
GIPD100420151025FSR
VCE(sat)
1.8
1.4
-50
TJ(°C)
(V)
100
0
50
2.2
150
VGE= 15V
IC= 60A
IC= 30A
IC= 15A
1
2.6
3
GIPD281020131418FSR
VCE(sat)
2
1
0
IC(A)
(V)
60
20
40
3
80
VGE= 15V
TJ= -40°C
0
4
5
100
TJ= 25°C
TJ= 175°C
GIPD281020131116FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com