Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVT210101 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVT210101
Description  1.9mm-thick Two-way Operation Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVT210101 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SPVT210101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVT210101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVT210101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVT210101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVT210101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
11
11
List of Varieties
Detector Switches
Series
General-purpose Type
SPVS
SPVN
SPVT
SPVM
SPVR
SPVE
Photo
Operation type
Two-way
One-way
Dimensions
(mm)
W
3.5
3.8
5.6
2.8
3.6
3.4
D
3.3
3.6
4.7
3.5
4.2
3
H
1
1.9
1.5
1.2
2.3
Operating temperature range
−40℃ to +85℃
−10℃ to +60℃
Automotive use
●
●
●
●
●
—
Life cycle (availability)
Poles / Positions
1/1
Rating(max.)
(Resistive load)
1mA 5V DC
50mA 20V DC
1mA 5V DC
0.1A 30V DC
Rating(min.)
(Resistive load)
50μA 3V DC
100μA 3V DC
50μA 3V DC
100μA 3V DC
50μA 3V DC
Durability
Operating life
without load
50,000cycles 5Ω max.
100,000cycles
1Ω max.
50,000cycles 5Ω max.
50,000cycles
1Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
50,000cycles 5Ω max.
100,000cycles
1Ω max.
50,000cycles 5Ω max.
50,000cycles
1Ω max.
Electrical
performance
Initial contact
resistance
2Ω max.
500mΩ max.
2Ω max.
3Ω max.
500mΩ max.
Insulation
resistance
100MΩ min. 100V DC
Voltage proof
100V AC for 1 minute
Mechanical
performance
Terminal
strength
0.5N for 1minute
1N for 1minute
0.5N for 1minute
Actuator
strength
5N
10N
5N
2N
5N
Environmental
performance
Cold
−40℃ 96h
−20℃ 96h
Dry heat
85℃ 96h
Damp heat
40℃, 90 to 95%RH 96h
Operation force
0.35N max.
0.4N max.
0.35N max.
0.3N max.
Page
16
19
21
24
26
27
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
●
Indicates applicability to all products in the series.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com