Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVT230101 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVT230101
Description  1.9mm-thick Two-way Operation Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVT230101 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SPVT230101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVT230101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVT230101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVT230101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVT230101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
23
23
SPVT/1.9mm-thick Two-way Operation Type
Dimensions drawing is for type with location lugs.
Note
Unit:mm
Dimensions
PC board mounting hole and land dimensions
(Viewed from direction A )
Style
No.
5
6
7
8
Center of rotation
0.26
A
3.5
(1.51)
1.3
7.45
5.6
1
0.5
1.9
1.2
1.7
On starting position
(horizontal direction),
operating force
measurement position
On starting position
(vertical direction)
On Starting position
(horizontal direction)
Total travel
Center of rotation
With boss
Center of rotation
0.26
On starting position
(horizontal direction),
operating force
measurement position
On starting position
(vertical direction)
3.5
(1.51)
1.3
3.73
5.6
1
0.5
1.9
1.2
1.7
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
With boss
Center of rotation
0.26
On starting position
(horizontal direction),
operating force
measurement position
On starting position
(vertical direction)
3.5
(1.51)
1.3
3.73
5.6
1
0.5
1.9
1.2
1.7
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
With boss
Center of rotation
0.26
3.5
(1.51)
1.3
5.6
1
0.5
1.9
1.2
1.7
On Starting position
(horizontal direction)
Total travel
Center of rotation
A
On starting position
(horizontal direction),
operating force
measurement position
On starting position
(vertical direction)
With boss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com