Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRBE210200 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SRBE210200
Description  Encoder and Push Operation Type Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRBE210200 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SRBE210200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRBE210200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRBE210200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SRBE210200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
455
Refer to P.461 for soldering conditions.
Typical Specifications
Items
Specifications
Ratings(max.)/(min.)
(Resistive load)
1mA 5V DC/50μA 3V DC
Output voltage
Jog portion
1V max. at 1mA 5V DC
(Resistive load)
Push portion
Operating force(Push portion)
3.5±1.5N
Travel(Push operation)
0.2mm
Operating life
Jog portion
100,000 cycles
Push portion
Encoder and Push Operation Type Switch
SRBE
A compact multifunctional operating device that can be utilized
on the side of the set device
Unit:mm
Reel size
Packing Specifications
Taping
Product No.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case/ export packing
SRBE110301
1,500
3,000
6,000
24
428×413×172
SRBE210200
1,300
2,600
5,200
Product Line
Product No.
Number of
detent
Number of
pulse
Operating
direction
Mounting
method
Rotational torque
(Jog portion)
Minimum order unit(pcs.) Drawing
No.
Japan
Export
SRBE110301
12
6
Horizontal
Standard
3±2mN・m
1,500
6,000
1
SRBE210200
Low-profile
1,300
5,200
2


Similar Part No. - SRBE210200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRBE210200 ALPS-SRBE210200 Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
logo
List of Unclassifed Man...
SRBE210200 ETC-SRBE210200 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - SRBE210200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
4-directional Stick Switch (with Encoder/Center-push Function)
SLLB ALPS-SLLB Datasheet
208Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
ALPS ELECTRIC CO.,LTD.
RKJXW ALPS-RKJXW Datasheet
1,009Kb / 5P
8-directional Stick Switch (with Encoder / Center-push Function)
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
Lever and Push Operation Type Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com