Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL4N80K5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL4N80K5
Description  Ultra low gate charge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL4N80K5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL4N80K5 Datasheet HTML 2Page - STMicroelectronics STL4N80K5 Datasheet HTML 3Page - STMicroelectronics STL4N80K5 Datasheet HTML 4Page - STMicroelectronics STL4N80K5 Datasheet HTML 5Page - STMicroelectronics STL4N80K5 Datasheet HTML 6Page - STMicroelectronics STL4N80K5 Datasheet HTML 7Page - STMicroelectronics STL4N80K5 Datasheet HTML 8Page - STMicroelectronics STL4N80K5 Datasheet HTML 9Page - STMicroelectronics STL4N80K5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STL4N80K5
6/17
DocID025574 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
ID
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM17903v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-1
10
-5
10
-3
10
-2
10
-1
10
0
c
10
1
ZthPowerFlat_5x6_27
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
4
2
0
0
8
VDS(V)
16
(A)
4
12
6V
7V
VGS=10, 11 V
5
3
1
8V
9V
AM15989v1
ID
4
2
0
5
7
VGS(V)
9
(A)
6
8
1
3
5
VDS=20V
10
AM15990v1
VGS
6
4
2
0
0
2
Qg(nC)
(V)
8
8
4
6
10
VDD=640V
ID=3A
300
200
100
0
400
VDS (V)
500
VDS
12
10
600
AM15991v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com