Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCF210300 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCF210300
Description  Two-way Detection Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCF210300 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCF210300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCF210300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCF210300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSCF210300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
41
41
SSCF Two-way Detection Type
Detection from both left and right directions contributes to
improved and flexible design of the set mechanism
P2.5
5-ø0.9 hole
Terminal No.1
Travel
Momentary
ON
OFF
(7)(7)
36˚
36˚
(2)
(2)
2
(27˚)
18˚
(27˚)
11
2.5
0.6
PC board
mounting face
0.83
0.35
2
3.9
5.8
1
For PC board
Unit:mm
Dimensions
Style
Photo
No.
PC board mounting hole dimensions
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
100mΩ max. / 300mΩ max.
Operating force
0.7N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(0.1A 12V DC)
Poles
1
2
Positions
Non shorting
Changeover
timing
Screw
PC board
with hook
PC board
Mounting method
3,000
600
Minimum order unit(pcs)
For Lead
For PC board
For PC board
Terminal type
1
2
3
4
Drawing No.
Product No.
SSCF110100
SSCF210100
SSCF210300
SSCF310100
Product Line
Export
Japan
Refer to P.71 for soldering conditions.
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
600
3,000
400×270×290


Similar Part No. - SSCF210300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCF210300 ALPS-SSCF210300 Datasheet
236Kb / 3P
Two-way Detection Type
More results

Similar Description - SSCF210300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVF ALPS-SPVF Datasheet
430Kb / 4P
Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
Two-way Detection Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
Compact Two-way Detection Type
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com