Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCM Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCM
Description  Compact Two-way Detection Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCM Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCM_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCM_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCM_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
32
32
Low-profile 1.5mm body with detection from both left /
right directions
Compact Two-way Detection Type
SSCM
Dimensions drawing is for type with location lugs.
Note
ba
3
4
2
1
b
a
3
14
2
(Common)
(Common)
Terminal Layout(Viewed from Direction A)
Circuit Diagram
Style
Unit:mm
Dimensions
1.8
R0.1
21.9˚
5
Frame
On starting position
Terminal No.1
5.56
4.35
2.4
2.4
1.5
0.4
1.42
0.61
Total travel position
6.05
Center of rotation
A
PC board mounting hole and land dimensions
(Viewed from direction A)
1.8
R0.1
21.9˚
5
Frame
On starting position
Terminal No.1
5.56
4.35
2.4
2.4
1.5
0.4
1.42
0.61
Total travel position
6.05
Center of rotation
A
1.8
R0.1
21.9˚
5
Frame
On starting position
Terminal No.1
5.56
4.35
2.4
2.4
1.5
0.4
1.42
0.61
Total travel position
6.05
Center of rotation
A
1.8
R0.1
21.9˚
5
Frame
On starting position
Terminal No.1
5.56
4.35
2.4
2.4
1.5
0.4
1.42
0.61
Total travel position
6.05
Center of rotation
A
Refer to P.71 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
2Ω max. / 5Ω max.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
Poles
1
1.57
2
Positions
Product No.
Total travel(mm)
With
Without
Location lug
3,000
12,000
Minimum order unit(pcs.)
Japan
Export
For PC board
(Reflow)
Terminal type
SSCM110100
SSCM120100
Product Line
With boss
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
3,000
6,000
12,000
16
417×409×139


Similar Part No. - SSCM_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCM110100 ALPS-SSCM110100 Datasheet
232Kb / 3P
Compact Two-way Detection Type
logo
Sensortechnics GmbH
SSCM3175GA SENSORTECHNICS-SSCM3175GA Datasheet
118Kb / 2P
Temperature compensated silicon stainless steel pressure sensors
More results

Similar Description - SSCM_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVM ALPS-SPVM Datasheet
323Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
Two-way Detection Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
Compact Two-way Detection Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
Two-way Detection Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
Two-way Detection Type with Female Connector Terminal
SSCQ ALPS-SSCQ Datasheet
1Mb / 3P
Compact Two-way, Two-step Detection Type
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com