Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F181PC Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F181PC
Description  4-Bit Arithmetic Logic Unit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F181PC Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74F181PC Datasheet HTML 2Page - National Semiconductor (TI) 74F181PC Datasheet HTML 3Page - National Semiconductor (TI) 74F181PC Datasheet HTML 4Page - National Semiconductor (TI) 74F181PC Datasheet HTML 5Page - National Semiconductor (TI) 74F181PC Datasheet HTML 6Page - National Semiconductor (TI) 74F181PC Datasheet HTML 7Page - National Semiconductor (TI) 74F181PC Datasheet HTML 8Page - National Semiconductor (TI) 74F181PC Datasheet HTML 9Page - National Semiconductor (TI) 74F181PC Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Path
Mode
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
30
64
85
30
100
30
95
ns
tPHL
Cn to Cn a 4
30
61
80
30
95
30
90
tPLH
Propagation Delay
50
100
130
50
155
50
140
ns
tPHL
A or B to Cn a 4
Sum
40
94
120
35
165
40
130
tPLH
Propagation Delay
50
108
140
50
170
50
150
ns
tPHL
A or B to Cn a 4
Dif
50
100
130
40
150
50
140
tPLH
Propagation Delay
30
67
85
25
160
30
95
ns
tPHL
Cn to F
Any
30
65
85
25
120
30
95
tPLH
Propagation Delay
30
57
75
25
90
30
85
ns
tPHL
A or B or G
Sum
30
58
75
25
95
30
85
tPLH
Propagation Delay
30
65
85
25
115
30
95
ns
tPHL
A or B to G
Dif
30
73
95
25
110
30
105
tPLH
Propagation Delay
30
50
70
25
85
30
80
ns
tPHL
A or B to P
Sum
30
55
75
30
95
30
85
tPLH
Propagation Delay
30
58
75
25
110
30
85
ns
tPHL
A or B to P
Dif
40
65
85
30
110
40
95
tPLH
Propagation Delay
30
70
90
30
145
30
100
ns
tPHL
Ai or Bi to Fi
Sum
30
72
100
30
145
30
100
tPLH
Propagation Delay
30
82
110
30
175
30
120
ns
tPHL
Ai or Bi to Fi
Dif
30
50
110
30
145
30
120
tPLH
Propagation Delay
40
80
105
35
165
40
115
ns
tPHL
Any A or B to Any F
Sum
40
78
100
40
135
40
110
tPLH
Propagation Delay
45
94
120
35
175
45
130
ns
tPHL
Any A or B to Any F
Dif
35
94
120
30
140
35
130
tPLH
Propagation Delay
40
60
90
35
145
40
100
ns
tPHL
A or B to F
Logic
40
60
100
30
155
40
110
tPLH
Propagation Delay
110
185
270
80
350
110
290
ns
tPHL
A or B to A e B
Dif
60
98
125
55
210
60
135
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
181
P
C
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
Temperature Range
Package Code
C e Commercial (0 Cto a70 C)
P e Plastic DIP
M e Military (b55 Cto a125 C)
SP e Slim Plastic DIP
D e Ceramic DIP
SD e Slim Ceramic DIP
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com