Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSCT Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCT
Description  Micro Switch Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCT Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCT_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCT_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCT_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40
40
SSCT
A micro switch type applicable to printed circuit and
lead wiring. Can be screwed on panel
Micro Switch Type
For Lead
For PC board
0.5
Terminal Type
Unit:mm
(Common)
12
3
Circuit Diagram(Viewed from Direction A)
2.5 2.5
3-ø0.8 hole
G
3
Travel position(X)
① ②
9.8
8.8
OFF
ON
ON
OFF
② ③
Contact changeover timing
Lever
Unit:mm
Dimensions
Style
PC board mounting hole dimensions
(Viewed from direction A)
● Push direction only
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50BA 3V DC
Contact resistance
(Initial /After operating life)
200mΩ max. / 500mΩ max.
Operating force
0.7±0.3N
Operating life
Without load
10,000cycles
With load
10,000cycles(0.1A 12V DC)
Product Line
Poles
1
2
Non shorting
Positions
Product No.
Changeover timing
Lever
Operation
part shape
For PC board
For Lead
Terminal type
5,000
1,000
Minimum order unit(pcs.)
SSCTL10600
SSCTL10400
Export
Japan
Dimensions drawing is for PC board terminal type.
Note
Refer to P.71 for soldering conditions.
Packing Specifications
Bulk
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,000
5,000
400×270×290


Similar Part No. - SSCT_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCTL10400 ALPS-SSCTL10400 Datasheet
261Kb / 2P
Detector Switch
SSCTL10600 ALPS-SSCTL10600 Datasheet
261Kb / 2P
Detector Switch
More results

Similar Description - SSCT_15

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
HSR-004 PIC-HSR-004 Datasheet
26Kb / 1P
Micro Reed Switch
HSR-0035RT PIC-HSR-0035RT Datasheet
26Kb / 1P
Micro Reed Switch
logo
OEN India Limited
22-001 OENINDIA-22-001 Datasheet
462Kb / 1P
MICRO SWITCH
logo
ALPS ELECTRIC CO.,LTD.
SPVQ5 ALPS-SPVQ5 Datasheet
138Kb / 2P
Micro Switch Type with Female Connector Terminal
SPVQ5 ALPS-SPVQ5_15 Datasheet
857Kb / 3P
Micro Switch Type with Female Connector Terminal
logo
PIC GmbH
HSR-0025RT PIC-HSR-0025RT Datasheet
88Kb / 1P
Micro Reed Switch
logo
GREEGOO Electric Co.,Lt...
CMV100D GREEGOO-CMV100D Datasheet
1Mb / 2P
CMV Micro Switch
CZ-7121 GREEGOO-CZ-7121 Datasheet
1Mb / 2P
CZ Micro Switch
logo
Festo Corporation.
30648 FESTO-30648 Datasheet
91Kb / 1P
Micro switch
30649 FESTO-30649 Datasheet
71Kb / 1P
Micro switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com