Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCM Datasheet(PDF) 2 Page - XP Power Limited

Part # CCM
Description  300 W Peak Rating for 500 ms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCM Datasheet(HTML) 2 Page - XP Power Limited

  CCM Datasheet HTML 1Page - XP Power Limited CCM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12-Mar-12
CCM250
Models and Ratings
Output Connector CON 3
Pin 1
+V1
Pin 2
V1 RTN
Mechanical Details
Notes
Input Connector
Pin 1
Line
Pin 2
Neutral
Pin 3
Earth
Input connector mates with Molex
housing 09-50-1051 and Molex
series 5194 crimp terminals.
CON 1 mates with JST housing
PHDR-10VS with contact SPHD-
001T-P0.5
Input Voltage & Temperature Derating
Safety Approvals
1. Peak duration is 500 ms max, average power must not exceed 250 W.
Notes
1. At AC switch on the output (VI) may momentarily rise when the unit is disabled
using the 5 V standby supply in conjunction with the Remote On/Off function.
(See longform datasheet for details)
2. All dimensions in inches (mm).
3. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
4. Weight 1.7 lb (780 g) approx
Output Power
Output Voltage V1
Output Current V1
Standby Supply V2
Model Number
Nominal
Peak(1)
Nominal
Peak(1)
250 W
300 W
12.0 V
20.8 A
25.00 A
5.0 V/0.5 A
CCM250PS12
250 W
300 W
15.0 V
16.7 A
20.00 A
5.0 V/0.5 A
CCM250PS15
250 W
300 W
24.0 V
10.4 A
12.50 A
5.0 V/0.5 A
CCM250PS24
250 W
300 W
28.0 V
8.9 A
10.70 A
5.0 V/0.5 A
CCM250PS28
250 W
300 W
36.0 V
6.9 A
8.30 A
5.0 V/0.5 A
CCM250PS36
250 W
300 W
48.0 V
5.2 A
6.25 A
5.0 V/0.5 A
CCM250PS48
200
150
50
100
250
80
85
275
Input Voltage (VAC)
Peak Power Availability
300
90
264
200
150
50
100
250
-20
-10
0
50
Ambient Temperature (°C)
300
10
40
0
60
70
Peak Power Availability
IEC60950-1 CB report, CSA 22.2 No.
60950-1, UL60950-1, TUV EN60950-1
IEC60601-1 CB report, CSA 22.2 No.
60601-1, UL60601-1, TUV 60601-1,
TUV IEC61010-1
1
2
9
10
3.94 (100.0)
M3 Mounting holes (in 4 positons)
Max. penetration by screw to be 0.1 (2.5)
from bottom face of chassis
Signal Connector
CON 1
Output terminals
M4 Screws in
2 positions.
Torque to 0.8 lbs-in
(90 cNm) max
Output Voltage Adj.
Output terminals
allow connection from
either top or side
(1)
CON3
(2)
M3 Mounting holes (in 2 positions each side)
Max. penetration by screw to be 3.5 mm from
outside face of chassis
Input Connector
1
2
3
0.94
(23.9)
2.95
(74.9)
0.53
(13.3)
6.00
(152.4)
4.00
(101.6)
0.75
(19.1)
1.73
(44.0)
4.00
(101.6)
1.54
(39.1)
Signals Connector CON 1
Pin 1
5 V Standby Return
Pin 2
5 V Standby
Pin 3
5 V Standby Return
Pin 4
5 V Standby
Pin 5
5 V Standby Return
Pin 6
5 V Standby
Pin 7
Power Fail (Collector)
Pin 8
Power Fail (Emitter)
Pin 9 Remote On / Off (Cathode)
Pin 10 Remote On / Off (Anode)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com