Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS710100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS710100
Description  Compact general purpose type with specifiable soldering method
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS710100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS710100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS710100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS710100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS710100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS710100 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
87
87
SSSS7 2(H)mm, 2mm-travel Type
Compact general purpose type
with specifiable soldering method
2,000
Japan
Export
Standard
Operation
50,000
100
8,000
2,000
40,000
100
8,000
Minimum order unit(pcs.)
Product Line
1
2
3
SSSS710100
SSSS710607
SSSS711100
SSSS711403
Horizontal
1
2
3
4
2
Travel
(mm)
Not specified
Non shorting
Changeover
timing
2
Actuator
length(mm)
Actuator
direction
Poles Positions
Manual
Reflow
Manual
Reflow
Soldering
Products No.
Drawing
No.
Refer to P.111 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.3A 4V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
70mΩ max. / 130mΩ max.
Operating force
Refer to the dimensions.
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.3A 4V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Bulk
Product No.
Number of packages(pcs.)
 Reel width
W(mm)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1case/exportpacking
SSSS710607
2,000
4,000
8,000
17.4
16
417×409×139
SSSS711403
406×406×190
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1case /export packing
SSSS710100
10,000
50,000
400×270×290
SSSS711100
8,000
40,000
ø380
W


Similar Part No. - SSSS710100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
More results

Similar Description - SSSS710100

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3528BPGC FORYARD-FYLS-3528BPGC Datasheet
529Kb / 9P
Suitable for all SMT assembly and soldering method
FYLS-3528BUBC FORYARD-FYLS-3528BUBC Datasheet
526Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528BURC FORYARD-FYLS-3528BURC Datasheet
499Kb / 9P
Suitable for all SMT assembly and soldering method
FYLS-3528PG2C FORYARD-FYLS-3528PG2C Datasheet
488Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528RGBC-CA FORYARD-FYLS-3528RGBC-CA Datasheet
496Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528URC FORYARD-FYLS-3528URC_12 Datasheet
498Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528UW2C FORYARD-FYLS-3528UW2C Datasheet
493Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528UWC FORYARD-FYLS-3528UWC_12 Datasheet
506Kb / 8P
Suitable for all SMT assembly and soldering method
FYLS-3528UYC FORYARD-FYLS-3528UYC_12 Datasheet
498Kb / 8P
Suitable for all SMT assembly and soldering method
logo
MKS Instruments.
MF1 MKS-MF1 Datasheet
587Kb / 4P
Compact, General purpose MFC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com