Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS710607 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS710607
Description  Compact general purpose type with specifiable soldering method
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS710607 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SSSS710607 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS710607 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS710607 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS710607 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS710607 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
73
73
List of Varieties
Slide Switches
Series
SSAJ
SSAH
SSSS8※
SSAL
SSAG
SSSS7
Photo
Actuator
direction
Horizontal
●
●
●
●
●
●
Vertical
—
—
●
—
—
—
Poles-positions
1-2
●
—
●
●
—
●
1-3
—
●
●
—
●
●
1-4
—
—
—
—
—
—
2-2
—
—
●
—
—
—
2-3
—
—
●
—
—
—
2-4
—
—
—
—
—
—
4-2
—
—
—
—
—
—
Travel(mm)
1.4
1.5
1.5, 2
2
1.5
2
Operating temperature range
−10℃ to +60℃ −30℃ to +60℃ −40℃ to +85℃
−10℃ to +60℃
−40℃ to +85℃
Automotive use
̶
̶
̶
̶
̶
̶
Life cycle
Rating(max.)
(Resistive load)
10mA 5V DC
1mA 5V DC
0.3A 5V DC
10mA 5V DC
0.3A 4V DC
Rating(min.)
(Resistive load)
50
μA 3V DC
Durability
Operating life
without load
10,000 cycles
500mΩ max.
10,000 cycles
300mΩ max.
10,000 cycles
100mΩ max.
100,000 cycles
10Ω max.
30,000 cycles
(Lock side)
100,000 cycles
(Recoil side)
500mΩ max.
10,000 cycles
100mΩ max.
Operating life with
load Load: as rating
10,000 cycles
130mΩ max.
10,000 cycles
130mΩ max.
Electrical
performance
Initial contact
resistance
300mΩ max.
200mΩ max.
70mΩ max.
10Ω max.
200mΩ max.
70mΩ max.
Insulation resistance
100MΩ min. 100V DC
100MΩ min.
500V DC
Voltage proof
100V AC for 1minute
500V AC for
1minute
Mechanical
performance
Terminal strength
3N for 1minute
Actuator
strength
Operating
direction
10N
Pulling
direction
Environmental
performance
Cold
−40℃ 96h
−40℃ 500h
−40℃ 96h
−20℃ 500h
Dry heat
85℃ 96h
85℃ 500h
85℃ 96h
85℃ 500h
Damp heat
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH
240h
60℃, 90 to 95%RH
500h
40℃, 90 to 95%RH
96h
60℃, 90 to 95%RH
500h
Page
75
77
79
82
84
87
Slide Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 111
Slide Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 112
1. ※ The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
2. ● Indicates applicability to all products in the series.
Notes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com