Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS212400 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS212400
Description  Excellent application for designing compact and high density portable devices
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS212400 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSSS212400 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS212400 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
94
94
Circuit Diagram(Viewed from Direction A)
2-pole, 3-position
Drawing No.4, 11, 15
1-pole, 3-position
Drawing No.14
1-pole, 2-position
Drawing No.13
1-pole, 2-position
Drawing No.1, 5, 7
1-pole, 3-position
Drawing No.2, 6, 8
2-pole, 2-position
Drawing No.3, 10
c
1 2 3
c
c
1 2
3 4
5 67 8
c
12
3
c
12
3 4
6 7
8
9
!0
c
1 2
3
4
5
c
1 2
3 4
c
c
12 3
45 6
c
c
12
34
5
67
89
!0
2-pole, 4-position
Drawing No.12
1-pole, 4-position
Drawing No.9
15
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from direction A)
Horizontal Actuator Type/Reflow Type
Dimensions
Unit:mm
2
2-ø0.9 hole
2
3
5
4
1.2 Pattern section
2
2-ø0.9 hole
2
3
5
4
1.2
Pattern section
6.8
1.2
2.5 2.5
2-ø0.9 hole
Pattern section
13
14
Travel
PC board
mounting face
A
Operating force with detent : 1.5N
1.5
2
ø0.8
ø0.8
6.8
8.5
9
2 3.5
3.75
2.5mm
Terminal No.1
:
Terminal pitch
1-pole, 2-position
Travel
PC board
mounting face
A
2mm
}
}
Operating force with detent : a b 1.5N
b a
b c 2.5N
13
22
ø0.8
1.5
ø0.8
3
5
2
3.5
3.75
a b c
Terminal No.
c b
J
J
J
J
1
:
Terminal pitch
1-pole, 3-position
Travel
PC board
mounting face
A
2mm
Operating force with detent : a b 1.5N
b a
b c 2.5N
13
2 2
1.5
ø0.8
3
5
2 3.5
7.5
2
2
22
Terminal No.
:
ø0.8
a b c
c b
J
J
J
J
1
}
}
Terminal pitch
2-pole, 3-position
SSSS2 3.5(H)mm, 2mm-travel Type



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com