Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS820101 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS820101
Description  A low-profile slide switch with 1.4mm thickness
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS820101 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS820101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS820101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS820101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS820101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS820101 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
81
81
1-pole, 2-position
2mm-travel
Drawing No.5
1
23
c
Circuit Diagram(Viewed from Direction A)
1-pole, 2-position
1.5mm-travel
Drawing No.3
1
2
3
4
c
12
34
c
c
1-pole, 3-position
1.5mm-travel
Drawing No.4
c
c
1
2
3
45
6
2-pole, 2-position
Drawing No.1
c
c
12
3
4
5
6
7
8
2-pole, 3-position
Drawing No.2
5
1-pole, 2-position
1.5
0.7
1
9.3
1
2-ø0.9 holes
3
5
1.5
4-pattern section for ground terminal
4-pattern section
PC board
mounting face
Terminal No. 1
0.9
ø0.8
5
9.7
F0.5
0.5
F
3 1.5 0.4
F
2.6
1.5
1.5
F
C0.2
Operating force : 1.5N
Travel
C0.2
1.3
2
A
Unit:mm
Horizontal Actuator Type 2mm-travel
Style
Photo
No.
PC board mounting hole and land dimensions
(Viewed from direction A)
Dimensions
Products not marked with ※ in the drawing have no ground terminal.
Note
SSSS8/1.4(H)mm, 1.5/2mm-travel Surface Mount Type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com