Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSSS9 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS9
Description  Mid-size general purpose type well established for user friendliness
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS9 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSSS9_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS9_15 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
99
99
15
Terminal No.1
2
11.5
13.3
7.2
5
0.35
2.5
4
14.3
9
2
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
P.C board mounting face
a
A
1
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
6-ø0.7 hole 22
12
2-pole, 2-position
Standard type
22
6-ø0.7 hole
1.5
1.5
13.9
13
2-pole, 2-position 
Snap-in type
Dimensions
Unit:mm
Horizontal Actuator Type
14
1
2-pole, 3-position 
Standard type
22
8-ø0.7 hole
1.5
1.5
16.5
4
1
2-pole, 3-position 
Snap-in type
22
8-ø0.7 hole
4
SSSS9/5(H)mm, 2mm-travel Type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com