Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSF Datasheet(PDF) 2 Page - XP Power Limited

Part # DSF
Description  Up to 28 A Output Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSF Datasheet(HTML) 2 Page - XP Power Limited

  DSF Datasheet HTML 1Page - XP Power Limited DSF Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
28-May-13
Mechanical Details
DSF/FSO
Models & Ratings
2.41 (61.2)
0.51
(13.0)
Customer mounting holes
ø3.2mm - 4 places
0.20
(5.0)
0.43
(10.9)
1.02
(25.9)
1.25
(31.8)
0.82
(20.9)
0.20
(5.1)
2.21 (56.1)
0.63
(15.9)
-VIN
-VOUT
INH
DIS
+VOUT
+VIN
0.24 (6.2) ±0.04 (1.0)
0.75
(19.20)
1.45
(36.8)
0.15
(3.9)
0.75
(18.9)
1.06
(26.9)
0.19
(4.9)
Ø 0.13 (3.2)
in 2 places
1.37 (34.9)
0.19
(4.9)
0.51
(12.9)
0.71
(17.9)
0.90
(22.9)
1.10
(27.9)
DIS
+VOUT
-VIN
+VIN
INH
-VOUT
1.25
(31.9)
1.57 (39.9)
0.75
(19.2)
0.52
(13.2)
-VIN
-VIN
-VOUT
-VOUT
INH
DIS
+VOUT
+VOUT
+VIN
+VIN
0.18
(4.7)
0.65
(16.4)
0.84
(21.4)
2.09
(53.2)
0.18
(4.7)
Ø 0.13 (3.2) in 4 places
2.09 (53.2)
+VOUT
+VOUT
-VIN
-VIN
+VIN
+VIN
-VOUT
-VOUT
0.45
(11.4)
1.43
(36.4)
1.63
(41.4)
0.65
(16.4)
1.04
(26.4)
1.24
(31.4)
1.63
(41.4)
1.83
(46.4)
0.19
(4.7)
2.09
(53.2)
0.19
(4.7)
2.09
(53.2)
Mounting holes 0.126 (3.2)
4 places
2.28
(57.9)
2.28 (57.9)
0.45
(11.4)
1.63
(41.4)
1.83
(46.4)
0.64
(16.4)
2.28
(57.9)
0.75
(19.2)
0.51
(13.0)
2.28 (57.9)
0.75
(19.2)
0.51
(13.0)
DSF200LV
Surge protection and filter
DSF100
Surge protection and filter
DSF500
Surge protection
FSO461
Filter
Notes
Notes
1. For input voltages above 18 V, maximum load is 500 W.
2. FSO461 has filter circuitry only. To be used with DSF500 for conducted
immunity compliance.
3. DSF500 has surge protection only. To meet stated EMC performance it must
be used with FSO461.
4. For models without overtemperature protection, add suffix ‘-H’ e.g. DSF500-H.
Contact sales for further information.
Output Power
Input Voltage
Output
Typical Efficiency
Model Number(4)
Voltage
Max Current
100 W
10-33 VDC
<36 VDC
3.7 A
98%
DSF100
30 - 54 W
10-18 VDC
<36 VDC
3.0 A
92%
DSF200 LV
126 - 230 W
18-33 VDC
<36 VDC
7.0 A
93%
280 - 500 W
10-33 VDC
<36 VDC
28.0 A(1)
98%
DSF500(3)
500 W
0-100 VDC
Vin -
Iinx0.013
28.0 A
99%
FSO461(2)
1. All dimensions in inches (mm).
2. Weights: DSF100: 0.11 lbs (50 g)
DSF200LV: 0.18 lbs (80 g)
DSF500: 0.36 lbs (160 g)
FSO461: 0.36 lbs (160 g)
3. Tolerance ±0.011 (±0.3)
4. Pin diameter 0.04 (1.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com