Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F189PC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F189PC
Description  64-Bit Random Access Memory with TRI-STATEE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F189PC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F189PC Datasheet HTML 1Page - National Semiconductor (TI) 74F189PC Datasheet HTML 2Page - National Semiconductor (TI) 74F189PC Datasheet HTML 3Page - National Semiconductor (TI) 74F189PC Datasheet HTML 4Page - National Semiconductor (TI) 74F189PC Datasheet HTML 5Page - National Semiconductor (TI) 74F189PC Datasheet HTML 6Page - National Semiconductor (TI) 74F189PC Datasheet HTML 7Page - National Semiconductor (TI) 74F189PC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9493
August 1995
54F74F189 64-Bit Random Access
Memory with TRI-STATE
Outputs
General Description
The ’F189 is a high-speed 64-bit RAM organized as a 16-
word by 4-bit array Address inputs are buffered to minimize
loading and are fully decoded on-chip The outputs are TRI-
STATE and are in the high impedance state whenever the
Chip Select (CS) input is HIGH The outputs are active only
in the Read mode and the output data is the complement of
the stored data
Features
Y
TRI-STATE outputs for data bus applications
Y
Buffered inputs minimize loading
Y
Address decoding on-chip
Y
Diode clamped inputs minimize ringing
Y
Available in SOIC (300 mil only)
Commercial
Military
Package
Package Description
Number
74F189PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F189DL (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F189SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F189SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F189FL (Note 2)
W16A
16-Lead Cerpack
54F189LL (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DLQB FLQB and LLQB
Logic Symbols
Connection Diagrams
TLF9493 – 1
IEEEIEC
TLF9493 – 4
Pin Assignment
for DIP SOIC and Flatpak
TLF9493 – 2
Pin Assignment
for LCC
TLF9493 – 3
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 74F189PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F189PC FAIRCHILD-74F189PC Datasheet
58Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
More results

Similar Description - 74F189PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F219DL NSC-54F219DL Datasheet
164Kb / 8P
64-Bit Random Access Memory with TRI-STATEE Outputs
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
64-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
64-Bit Random Access Memory with 3-STATE Outputs
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
64-Bit 3-STATE Random Access Read/Write Memory
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
64-BIT RANDOM-ACCESS READ/WRITE MEMORY
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
256-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
64-BIT RANDOM ACCESS MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com