Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPU07N03L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPU07N03L
Description  OptiMOS Buck converter series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU07N03L Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPU07N03L Datasheet HTML 1Page - Infineon Technologies AG IPU07N03L Datasheet HTML 2Page - Infineon Technologies AG IPU07N03L Datasheet HTML 3Page - Infineon Technologies AG IPU07N03L Datasheet HTML 4Page - Infineon Technologies AG IPU07N03L Datasheet HTML 5Page - Infineon Technologies AG IPU07N03L Datasheet HTML 6Page - Infineon Technologies AG IPU07N03L Datasheet HTML 7Page - Infineon Technologies AG IPU07N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003-01-17
Page 5
IPD07N03L
IPU07N03L
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VDS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
75
IPD07N03L
VGS [V]
a
a
2.6
b
b
2.8
c
c
3.0
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
Ptot = 150W
i
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
10
20
30
40
50
A
65
ID
0
2
4
6
8
10
12
14
16
18
20
Ω
24
IPD07N03L
VGS [V] =
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
i
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
V
4
VGS
0
5
10
15
20
25
30
35
40
45
50
A
60
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
20
40
60
80
100
A
130
ID
0
10
20
30
40
50
60
70
S
90



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com