Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F192PC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F192PC
Description  Up/Down Decade Counter with Separate Up/Down Clocks
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F192PC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F192PC Datasheet HTML 1Page - National Semiconductor (TI) 74F192PC Datasheet HTML 2Page - National Semiconductor (TI) 74F192PC Datasheet HTML 3Page - National Semiconductor (TI) 74F192PC Datasheet HTML 4Page - National Semiconductor (TI) 74F192PC Datasheet HTML 5Page - National Semiconductor (TI) 74F192PC Datasheet HTML 6Page - National Semiconductor (TI) 74F192PC Datasheet HTML 7Page - National Semiconductor (TI) 74F192PC Datasheet HTML 8Page - National Semiconductor (TI) 74F192PC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9496
November 1994
54F74F192
UpDown Decade Counter
with Separate UpDown Clocks
General Description
The ’F192 is an updown BCD decade (8421) counter Sep-
arate Count Up and Count Down Clocks are used and in
either counting mode the circuits operate synchronously
The outputs change state synchronously with the LOW-to-
HIGH transitions on the clock inputs
Separate Terminal Count Up and Terminal Count Down out-
puts are used as the clocks for a subsequent stage without
extra logic thus simplifying multistage counter designs Indi-
vidual preset inputs allow the circuit to be used as a pro-
grammable counter Both the Parallel Load (PL) and the
Master Reset (MR) inputs asynchronously override the
clocks
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F192PC
N16E
16-Lead (0300 Wide) Molded Dual-In-Line
54F192DM (Note 2)
J16A
16-Lead Ceramic Dual-In-Line
74F192SC (Note 1)
M16A
16-Lead (0150 Wide) Molded Small Outline JEDEC
74F192SJ (Note 1)
M16D
16-Lead (0300 Wide) Molded Small Outline EIAJ
54F192FM (Note 2)
W16A
16-Lead Cerpack
54F192LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9496 – 3
IEEEIEC
TLF9496 – 6
Pin Assignment for
DIP SOIC and Flatpak
TLF9496 – 1
Pin Assignment
for LCC
TLF9496 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F192PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F192PC FAIRCHILD-74F192PC Datasheet
65Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
74F192PC FAIRCHILD-74F192PC Datasheet
87Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
More results

Similar Description - 74F192PC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
Binary/Decade Up/Down Counter
logo
National Semiconductor ...
54F193DM NSC-54F193DM Datasheet
191Kb / 10P
Up/Down Binary Counter with Separate Up/Down Clocks
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192 Datasheet
65Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
74F193 FAIRCHILD-74F193 Datasheet
97Kb / 8P
Up/Down Binary Counter with Separate Up/Down Clocks
logo
National Semiconductor ...
54LS192 NSC-54LS192 Datasheet
172Kb / 8P
54LS192/DM74LS192 Up/Down Decade Counter with Separate Up/Down Clocks
logo
Fairchild Semiconductor
4510B FAIRCHILD-4510B Datasheet
184Kb / 4P
UP/DOWN DECADE COUNTER
logo
STMicroelectronics
M74HC192 STMICROELECTRONICS-M74HC192 Datasheet
560Kb / 14P
SYNCHRONOUS UP/DOWN DECADE COUNTER
Jul-2001
logo
Fairchild Semiconductor
74F192 FAIRCHILD-74F192_00 Datasheet
87Kb / 7P
Up/Down Decade Counter with Separate Up/Down Clocks
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_15 Datasheet
93Kb / 8P
Binary/Decade Up/Down Counter
March, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com