Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2K Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ER2K
Description  Superfast Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ER2K Datasheet(HTML) 1 Page - Diotec Semiconductor

  ER2K Datasheet HTML 1Page - Diotec Semiconductor ER2K Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER2A ... ER2M
ER2A ... ER2M
Superfast Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit superschnellem Sperrverzug
IFAV = 2 A
VF1 < 1.0 V
Tjmax = 150°C
VRRM = 50 ...1000 V
IFSM = 50 A
trr
< 35...75 ns
Version 2015-10-26
~ SMB / ~ DO-214AA
Dimensions - Maße [mm]
Typical Applications
Rectification of higher frequencies,
High speed switching
Commercial grade 1)
Typische Anwendungen
Gleichrichtung hoher Frequenzen
Schnelles Schalten
Standardausführung 1)
Features
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.1 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ER2A
50
50
ER2B
100
100
ER2D
200
200
ER2G
400
400
ER2J
600
600
ER2K
800
800
ER2M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 3)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
4.6
± 0.5
5.4
± 0.5
0.15
Pb
RoHS


Similar Part No. - ER2K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER2K MCC-ER2K Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2K DIOTEC-ER2K Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER2K DIOTEC-ER2K Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
logo
Micro Commercial Compon...
ER2K MCC-ER2K Datasheet
254Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
ER2K DIOTEC-ER2K Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results

Similar Description - ER2K

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
EGL1A DIOTEC-EGL1A_15 Datasheet
143Kb / 2P
Superfast Recovery SMD Rectifier Diodes
EGL34A DIOTEC-EGL34A_15 Datasheet
141Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER1A DIOTEC-ER1A_15 Datasheet
139Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER3A DIOTEC-ER3A_15 Datasheet
139Kb / 2P
Superfast Recovery SMD Rectifier Diodes
FE1A DIOTEC-FE1A_15 Datasheet
133Kb / 2P
Superfast Recovery Rectifier Diodes
FE3A DIOTEC-FE3A_15 Datasheet
134Kb / 2P
Superfast Recovery Rectifier Diodes
BAV100 DIOTEC-BAV100_15 Datasheet
140Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER2A DIOTEC-ER2A_17 Datasheet
136Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ERL1A DIOTEC-ERL1A Datasheet
158Kb / 2P
Superfast Recovery SMD Rectifier Diodes
ER1A DIOTEC-ER1A_18 Datasheet
145Kb / 2P
Superfast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com