Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT110 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # KT110
Description  Silicon Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KT110 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button KT110 Datasheet HTML 3Page - Infineon Technologies AG KT110 Datasheet HTML 4Page - Infineon Technologies AG KT110 Datasheet HTML 5Page - Infineon Technologies AG KT110 Datasheet HTML 6Page - Infineon Technologies AG KT110 Datasheet HTML 7Page - Infineon Technologies AG KT110 Datasheet HTML 8Page - Infineon Technologies AG KT110 Datasheet HTML 9Page - Infineon Technologies AG KT110 Datasheet HTML 10Page - Infineon Technologies AG KT110 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
10
2000-07-01
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”.
Dimensions in mm
SMD = Surface Mounted Device
1
2.9 ±0.1
2
3
+0.1
-0.05
0.4
acc. to
+0.2
DIN 6784
1.1 max
2˚... 30˚
0.1 max
0.08...0.15
A
M
0.20
1.9
0.95
B
A
0.25 M B
C
C
Weight approx. 0.01 g
KT 130, KT 230
KTY 13-x, KTY 23-x
Pins 1 - 2:
R25
SOT-23
(Small Outline Transistor)
Weight approx. 0.07 g
±0.15
ø3
ø1.1
ø0.4
12
(Draht / wire AWG 26)
GPD05638
Ni-plated Brass Tube Housing
with Tefzel Isolated Leadwires
KTY 16-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com