Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # MP2
Description  Multimedia Platform?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MP2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  MP2 Datasheet HTML 1Page - Infineon Technologies AG MP2 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
Pr oduct Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4/2004-01-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
Ordering No. B134-H8393-x-x-7600
Printed in Germany
PS 02042.
NB
MP2 St andar d C o nfigur ation
Modem
RF 2G Band 850/900/1800/1900
GSM/GPRS/E-GPRS Quadband
GPRS class 10, CS 1..4
E-GPRS class 10, MCS 1..9
Codecs: FR, HR, EFR, AMR
Protocol stack E-GPRS Rel. 99
Entertainment/Multimedia
Polyphonic ringer: 40 voices
High color displays up to QVGA
resolution
Camera support up to 2 Mpixel
Video rec. QCIF @ 15 fps
(MPEG4/H.263)
Video play QCIF @ 25 fps
(MPEG4/H.263)
Video streaming 15 fps @ QCIF
Connectivity
Fast IrDA
USB 2.0 (Full speed) incl. OTG
MMC
SD card/SDIO
Bluetooth
Supported Applications
Java MIDP 2.0
3D graphics
WAP 2.1
MMS Rel. 1.4
SynchML
MP2 UM T S Option
The UMTS option includes all features of the standard configuration plus:
RF 3G band UMTS FDD
Uplink:
1920- 1980 MHz
Downlink: 2110- 2170 MHz
Data
384 kbit/s UL/DL PS UMTS
64 kbit/s UL/DL CS UMTS
Stack
Dual mode type II UE
3GPP Rel. 99 March 03
MP2 Enh a nc ed Mu ltimedia Option
The enhanced multimedia option can be combined with the MP2 standard configuration or UMTS option
Camera support up to 5 Mpixel
Display support up to VGA
Video rec. QCIF @ 30 fps
(MPEG4/H.263)
Video play QCIF @ 30 fps
(MPEG4/H.263/H.264)
Video Streaming 30 fps @ QCIF
Video conferencing
DVB-H (option)
A-GP S Option
The A-GPS option can be selected together with all other MP2 configuration
True indoor capability for
global localizations
Rapid times to first fix
Leading low power requirements
Continuous navigation capabilities
Standards compliant using RRLP
End to end solution including aiding
data service
APOXI
TM Applic ation Fr amew ork
The APOXI
TM Application Framework enables advanced graphic capabilities and includes
A platform independent, easily reusable environment for rapid development and cost efficient solutions.
A powerful reference MMI with a broad range of pre-integrated reference applications
An open API to enable unlimited 3rd party applications
APIs for SIM, NVRAM, Flash, Display, Audio, Video, Real Time Operating Systems and the TCP/UDP family
An object-oriented framework, ideal for developing customized “Look & Feel” MMIs & applications
Support for Java, camera, and a broad range of advanced multimedia codecs
An innovative roadmap of advanced applications provided by a leading developer network



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com