Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL8DN6LF6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL8DN6LF6AG
Description  Automotive-grade dual N-channel 60 V, 21 mΩ typ., 32 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 DI package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8DN6LF6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STL8DN6LF6AG Datasheet HTML 1Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 2Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 3Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 4Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 5Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 6Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 7Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 8Page - STMicroelectronics STL8DN6LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STL8DN6LF6AG
Electrical characteristics
DocID028014 Rev 3
5/16
Table 8: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain
current
-
9.6
A
ISDM
(1)
Source-drain
current
(pulsed)
-
38
A
VSD
(2)
Forward on
voltage
VGS = 0 V, ISD = 9.6 A
-
1.3
V
trr
Reverse
recovery time
ISD = 25 A, di/dt = 100 A/µs, VDD = 48 V,
Tj = 25 °C (see Figure 15: "Test circuit for
inductive load switching and diode
recovery times")
-
22.5
ns
Qrr
Reverse
recovery
charge
-
22.2
nC
IRRM
Reverse
recovery
current
-
2.0
A
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com